|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
REV. DESCRIPTION DATE APPROVED A Engineering Release for Round Lead Version. 02/27/04 M. C. 0.205 [5.2mm] 0.100 [2.5mm] 0.050 [1.3mm] O.020 [O0.5mm] w/ O.045 C'SINK. TYP. F H T 0.050 [1.3mm] 0.025 [0.6mm] 0.090 [2.3mm] 0.083 [2.1mm] 0.165 [4.2mm] PART NUMBER RL1-120-020 RL1-150-020 H .120 (3.0mm) .150 (3.8mm) 0.040 (1.0mm) T F 0.040 (1.0mm) 0.055 (1.4mm) O.032 [O0.8mm] TYP. O.025 [O0.6mm] PART NUMBER RL2-280-020 H 0.280 (7.1mm) T 0.150 (3.8mm) F 0.065 (1.7mm) STANDARD TOLERANCE ( UNLESS OTHERWISE SPECIFIED ) DECIMALS ANGULAR (R) 2. MATERIAL: NYLON 6/6, 94V-0, NATURAL/WHITE. BIVAR MATERIAL CODE 24-WE. RTP POLYAMIDE NYLON 6/6, 0299X63548, NATURAL OR MODIFIED PLASTICS MN6/6-SE WHT. 1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101. .X .XX .XXX DESIGNED: .1 .01 .005 X 1 4 THOMAS, IRVINE, CA. 92618 TEL: (949) 951-8808 FAX: (949) 951-3974 TITLE: MOLDED RECTANGULAR LED MOUNT, ROUND LEAD DATE: PART NO: REVISION: Michael Chen CHECKED: 03/11/03 DATE: RL1 / RL2-XXX-020 CAGE CODE : 32559 A SHEET # 1 OF 1 D. Green 03/11/03 CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING. |
Price & Availability of RL2-280-020 |